PART |
Description |
Maker |
TC511402AJ-60 TC511402AP-60 TC511402ASJ-60 TC51140 |
1,048,576 x 4 BIT DYNAMIC RAM 1048576 x 4 BIT DYNAMIC RAM Darlington Array IC; Transistor Polarity:NPN; Number of Transistors:7; Collector Emitter Voltage, Vceo:1.3V; Package/Case:16-DIP
|
http:// Toshiba Semiconductor Toshiba Corporation
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
HYB514100BJ-50- Q67100-Q759 Q67100-Q971 |
4M × 1-Bit Dynamic RAM(4M × 1位动态RAM) 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20
|
SIEMENS AG
|
HYB5117405BT-70 HYB5117405BT-60 HYB5117405BT-50 HY |
-4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5118165BSJ-70 HYB5118165BSJ-60 HYB5118165BSJ-50 |
-1M x 16-Bit Dynamic RAM 1k & 4k Refresh 1M x 16-Bit Dynamic RAM 1k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
MSC23S4721E-8BS18 MSC23S4721E |
4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK): 4194304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK): From old datasheet system 4194304 Word x 72 Bit Synchronous Dynamic RAM Module (2BANK)(4M字2位同步动态RAM模块) 4194304 Word x 72 Bit Synchronous Dynamic RAM Module (2BANK)(4M字72位同步动态RAM模块)
|
OKI electronic componet... OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
Q67100-Q764 HYB514400BJ-70 HYB514400BJ-80 HYB51440 |
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group]
|
Q67100-Q2077 Q67100-Q2078 HM72V400 HYM72V4000GS-50 |
4M x 72 Bit ECC DRAM Module From old datasheet system 4M x 72-Bit Dynamic RAM Module 4M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168 4M x 72-Bit Dynamic RAM Module 4M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 4M x 72-Bit Dynamic RAM Module 4米72位动态随机存储器模块
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
HYB3117805BSJ-50 HYB3117805BSJ-60 HYB5117805BSJ-60 |
2M x 8 Bit 2k 5 V 60 ns EDO DRAM 2M x 8 Bit 2k 3.3 V 60 ns EDO DRAM -2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM 2k Refresh (Hyper Page Mode-EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|